Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 113 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 109Page - Renesas Technology Corp H8S/2472 Datasheet HTML 110Page - Renesas Technology Corp H8S/2472 Datasheet HTML 111Page - Renesas Technology Corp H8S/2472 Datasheet HTML 112Page - Renesas Technology Corp H8S/2472 Datasheet HTML 113Page - Renesas Technology Corp H8S/2472 Datasheet HTML 114Page - Renesas Technology Corp H8S/2472 Datasheet HTML 115Page - Renesas Technology Corp H8S/2472 Datasheet HTML 116Page - Renesas Technology Corp H8S/2472 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 1250 page
background image
Section 3 MCU Operating Modes
Rev. 2.00 Aug. 20, 2008 Page 65 of 1198
REJ09B0403-0200
3.2.2
System Control Register (SYSCR)
SYSCR selects a system pin function, monitors a reset source, selects the interrupt control mode
and the detection edge for NMI, enables or disables register access to the on-chip peripheral
modules, and enables or disables on-chip RAM address space.
Bit
Bit Name
Initial
Value
R/W
Description
7
CS256E
0
R/W
Chip Select 256 Enable
Enables or disables P97/
WAIT/CS256 pin function in
extended mode.
0: P97/
WAIT pin
WAIT pin function is selected by the settings of
WSCR and WSCR2.
1:
CS256 pin
Outputs low when a 256-kbyte expansion area of
addresses H'F80000 to H'FBFFFF is accessed.
6
IOSE
0
R/W
IOS Enable
Enables or disables
AS/IOS pin function in extended
mode.
0:
AS pin
Outputs low when an external area is accessed.
1:
IOS pin
Outputs low when an IOS expansion area of
addresses H'FFF000 to H'FFF7FF is accessed.
5
4
INTM1
INTM0
0
0
R
R/W
These bits select the control mode of the interrupt
controller. For details on the interrupt control modes, see
section 5.6, Interrupt Control Modes and Interrupt
Operation.
00: Interrupt control mode 0
01: Interrupt control mode 1
10: Setting prohibited
11: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com