Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 116 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 112Page - Renesas Technology Corp H8S/2472 Datasheet HTML 113Page - Renesas Technology Corp H8S/2472 Datasheet HTML 114Page - Renesas Technology Corp H8S/2472 Datasheet HTML 115Page - Renesas Technology Corp H8S/2472 Datasheet HTML 116Page - Renesas Technology Corp H8S/2472 Datasheet HTML 117Page - Renesas Technology Corp H8S/2472 Datasheet HTML 118Page - Renesas Technology Corp H8S/2472 Datasheet HTML 119Page - Renesas Technology Corp H8S/2472 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 1250 page
background image
Section 3 MCU Operating Modes
Rev. 2.00 Aug. 20, 2008 Page 68 of 1198
REJ09B0403-0200
3.3
Operating Mode Descriptions
3.3.1
Mode 2
The CPU can access a 16 Mbytes address space in advanced mode. The on-chip ROM is enabled.
After a reset, the LSI is set to single-chip mode. To access an external address space, bit EXPE in
MDCR should be set to 1.
• Normal extended mode
In extended mode, ports 1, 2 (P23 to P20), and 4 (P47 to P44) function as input ports after a
reset.
Ports 1 and 2 function as an address bus by setting 1 to the corresponding port data direction
register (DDR). Port 3 functions as a data bus port, and parts of port 9 and port C carry bus
control signals. Ports 4 (P43 to P40) and 6 (P63 to P60) function as a data bus port when the
ABW bit in WSCR is cleared to 0.
• Multiplex extended mode
When 8-bit bus is specified, port 1 functions as the port for address output and data
input/output regardless of the setting of the data direction register (DDR). Ports 2 (P23 to P20)
and 4 (P47 to P44) can be used as a general port.
When 16-bit bus is specified, ports 1, 2 (P23 to P20), and 4 (P47 to P44) function as the port
for address output and data input/output regardless of the setting of the data direction register
(DDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com