Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 115 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 111Page - Renesas Technology Corp H8S/2472 Datasheet HTML 112Page - Renesas Technology Corp H8S/2472 Datasheet HTML 113Page - Renesas Technology Corp H8S/2472 Datasheet HTML 114Page - Renesas Technology Corp H8S/2472 Datasheet HTML 115Page - Renesas Technology Corp H8S/2472 Datasheet HTML 116Page - Renesas Technology Corp H8S/2472 Datasheet HTML 117Page - Renesas Technology Corp H8S/2472 Datasheet HTML 118Page - Renesas Technology Corp H8S/2472 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 1250 page
background image
Section 3 MCU Operating Modes
Rev. 2.00 Aug. 20, 2008 Page 67 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
0
R/W
Reserved
The initial value should not be changed.
3
FLSHE
0
R/W
Flash Memory Control Register Enable
Enables or disables CPU access for flash memory
registers (FCCS, FPCS, FECS, FKEY, FMATS, FTDAR),
control registers of power-down states (SBYCR,
LPWRCR, MSTPCRH, MSTPCRL), and control registers
of on-chip peripheral modules (BCR2, WSCR2, PCSR,
SYSCR2).
0: Area from H'FFFE88 to H'FFFE8F is reserved.
Area from H'FFFEA0 to H'FFFEBF is allocated to
registers of AD, serial multiplexed functions, and I/O
ports.
Area from H'FFFF80 to H'FFFF87 is allocated to control
registers of power-down states and on-chip peripheral
modules.
1: Area from H'FFFE88 to H'FFFE8F is allocated to
control registers of flash memory.
Area from H'FFFEA0 to H'FFFEBF is reserved.
Area from H'FFFF80 to H'FFFF87 is reserved.
2
1
R/(W)
Reserved
The initial value should not be changed.
1
0
ICKS1
ICKS0
0
0
R/W
R/W
Internal Clock Source Select 1, 0
These bits select a clock to be input to the timer counter
(TCNT) and a count condition together with bits CKS2 to
CKS0 in the timer control register (TCR). For details, see
section 11.2.4, Timer Control Register (TCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com