Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 117 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 113Page - Renesas Technology Corp H8S/2472 Datasheet HTML 114Page - Renesas Technology Corp H8S/2472 Datasheet HTML 115Page - Renesas Technology Corp H8S/2472 Datasheet HTML 116Page - Renesas Technology Corp H8S/2472 Datasheet HTML 117Page - Renesas Technology Corp H8S/2472 Datasheet HTML 118Page - Renesas Technology Corp H8S/2472 Datasheet HTML 119Page - Renesas Technology Corp H8S/2472 Datasheet HTML 120Page - Renesas Technology Corp H8S/2472 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 1250 page
background image
Section 3 MCU Operating Modes
Rev. 2.00 Aug. 20, 2008 Page 69 of 1198
REJ09B0403-0200
3.4
Address Map
Figure 3.1 shows the memory map in operating modes.
ROM: 512 Kbytes, RAM: 40 Kbytes
Mode 2 (EXPE = 1)
Advanced mode
Extended mode with
on-chip ROM
ROM: 512 Kbytes, RAM: 40 Kbytes
Mode 2 (EXPE = 0)
Advanced mode
Single-chip mode
H'000000
H'000000
On-chip ROM
On-chip ROM
Internal I/O
registers 2
Internal I/O
registers 1
H'FFEFFF
H'FFE080
H'FFFEFF
H'FFFFFF
H'FFFE40
H'FFFF7F
H'FFFF80
H'FFFF00
On-chip RAM
(128 bytes)
External address
space
Internal I/O
registers 2
Internal I/O
registers 1
H'FFEFFF
H'FFE080
H'FFFEFF
H'FFFE40
H'FFFF7F
H'FFFF80
H'FFFF00
On-chip RAM
(128 bytes)
H'FFFFFF
*
Reserved area
Reserved area
On-chip RAM
(36 Kbytes)
External address
space
On-chip RAM
(3,968 bytes)
Internal I/O
registers 3
On-chip RAM
(3,968 bytes)
Reserved area
Reserved area
On-chip RAM
(36 Kbytes)
H'FF0000
H'FF0000
H'FF07FF
H'FF07FF
H'FF0800
H'FF0800
H'FF97FF
H'FFBFFF
H'FFDFFF
Internal I/O
registers 3
H'FFF800
H'FFFE3F
H'FFF800
H'FFFE3F
H'FF9800
H'FF97FF
H'FF9800
H'07FFFF
External address
space
H'07FFFF
H'F80000
H'FBFFFF
External address
space
256 Kbytes
extended area
Notes: * These areas can be used as an external address space by clearing bit RAME in SYSCR to 0.
H'080000
H'F7FFFF
H'FEFFFF
H'FC0000
H'FFE07F
H'FFE000
H'FFF7FF
H'FFF000
*
*
*
(IOS extended area)
Figure 3.1 Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com