Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 149 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 145Page - Renesas Technology Corp H8S/2472 Datasheet HTML 146Page - Renesas Technology Corp H8S/2472 Datasheet HTML 147Page - Renesas Technology Corp H8S/2472 Datasheet HTML 148Page - Renesas Technology Corp H8S/2472 Datasheet HTML 149Page - Renesas Technology Corp H8S/2472 Datasheet HTML 150Page - Renesas Technology Corp H8S/2472 Datasheet HTML 151Page - Renesas Technology Corp H8S/2472 Datasheet HTML 152Page - Renesas Technology Corp H8S/2472 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 1250 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Aug. 20, 2008 Page 101 of 1198
REJ09B0403-0200
5.6.4
Interrupt Response Times
Table 5.7 shows interrupt response times
− the intervals between generation of an interrupt request
and execution of the first instruction in the interrupt handling routine. The execution status
symbols used in table 5.7 are explained in table 5.8.
Table 5.7
Interrupt Response Times
No.
Execution Status
Advanced Mode
1
Interrupt priority determination*
1
3
2
Number of wait states until executing instruction ends*
2
1 to (19 + 2·SI)
3
PC, CCR stack save
2·SK
4
Vector fetch
2·SI
5
Instruction fetch*
3
2·SI
6
Internal processing*
4
2
Total (using on-chip memory)
12 to 32
Notes: 1. Two states in case of internal interrupt.
2. Refers to MULXS and DIVXS instructions.
3. Prefetch after interrupt acceptance and prefetch of interrupt handling routine.
4. Internal processing after interrupt acceptance and internal processing after vector fetch.
Table 5.8
Number of States in Interrupt Handling Routine Execution Status
Object of Access
External Device
8-Bit Bus
16-Bit Bus
Symbol
Internal
Memory
2-State
Access
3-State
Access
2-State
Access
3-State
Access
Instruction fetch SI
1
4
6 + 2m
2
3 + m
Branch address read SJ
Stack manipulation SK
[Legend]
m:
Number of wait states in external device access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com