Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 150 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 146Page - Renesas Technology Corp H8S/2472 Datasheet HTML 147Page - Renesas Technology Corp H8S/2472 Datasheet HTML 148Page - Renesas Technology Corp H8S/2472 Datasheet HTML 149Page - Renesas Technology Corp H8S/2472 Datasheet HTML 150Page - Renesas Technology Corp H8S/2472 Datasheet HTML 151Page - Renesas Technology Corp H8S/2472 Datasheet HTML 152Page - Renesas Technology Corp H8S/2472 Datasheet HTML 153Page - Renesas Technology Corp H8S/2472 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 1250 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Aug. 20, 2008 Page 102 of 1198
REJ09B0403-0200
5.6.5
DTC Activation by Interrupt
The DTC can be activated by an interrupt. In this case, the following options are available:
• Interrupt request to CPU
• Activation request to DTC
• Both of the above
For details of interrupt requests that can be used to activate the DTC, see section 7, Data Transfer
Controller (DTC). Figure 5.8 shows a block diagram of the DTC and interrupt controller.
Selection
circuit
DTCER
DTVECR
Control logic
Determination of
priority
CPU
DTC
DTC activation
request vector
number
Clear signal
CPU interrupt
request vector
number
Select
signal
Interrupt
request
Interrupt source
clear signal
IRQ
interrupt
On-chip
peripheral
module
Clear signal
Interrupt controller
I, UI
SWDTE
clear signal
Figure 5.8 Interrupt Control for DTC
The interrupt controller has three main functions in DTC control.
(1)
Selection of Interrupt Source
It is possible to select DTC activation request or CPU interrupt request with the DTCE bit of
DTCERA to DTCERF in the DTC. After a DTC data transfer, the DTCE bit can be cleared to 0
and an interrupt request sent to the CPU in accordance with the specification of the DISEL bit of
MRB in the DTC. When the DTC performs the specified number of data transfers and the transfer
counter reaches 0, following the DTC data transfer the DTCE bit is cleared to 0 and an interrupt
request is sent to the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com