Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 152 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 148Page - Renesas Technology Corp H8S/2472 Datasheet HTML 149Page - Renesas Technology Corp H8S/2472 Datasheet HTML 150Page - Renesas Technology Corp H8S/2472 Datasheet HTML 151Page - Renesas Technology Corp H8S/2472 Datasheet HTML 152Page - Renesas Technology Corp H8S/2472 Datasheet HTML 153Page - Renesas Technology Corp H8S/2472 Datasheet HTML 154Page - Renesas Technology Corp H8S/2472 Datasheet HTML 155Page - Renesas Technology Corp H8S/2472 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 1250 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Aug. 20, 2008 Page 104 of 1198
REJ09B0403-0200
5.7
Usage Notes
5.7.1
Conflict between Interrupt Generation and Disabling
When an interrupt enable bit is cleared to 0 to disable interrupt requests, the disabling becomes
effective after execution of the instruction. When an interrupt enable bit is cleared to 0 by an
instruction such as BCLR or MOV, and if an interrupt is generated during execution of the
instruction, the interrupt concerned will still be enabled on completion of the instruction, so
interrupt exception handling for that interrupt will be executed on completion of the instruction.
However, if there is an interrupt request of higher priority than that interrupt, interrupt exception
handling will be executed for the higher-priority interrupt, and the lower-priority interrupt will be
ignored. The same rule is also applied when an interrupt source flag is cleared to 0. Figure 5.9
shows an example in which the CMIEA bit in the TMR's TCR register is cleared to 0.
The above conflict will not occur if an enable bit or interrupt source flag is cleared to 0 while the
interrupt is masked.
Internal
address bus
Internal
write signal
φ
CMIEA
CMFA
CMIA
interrupt signal
TCR write cycle
by CPU
CMIA exception handling
TCR address
Figure 5.9 Conflict between Interrupt Generation and Disabling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com