Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 153 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 149Page - Renesas Technology Corp H8S/2472 Datasheet HTML 150Page - Renesas Technology Corp H8S/2472 Datasheet HTML 151Page - Renesas Technology Corp H8S/2472 Datasheet HTML 152Page - Renesas Technology Corp H8S/2472 Datasheet HTML 153Page - Renesas Technology Corp H8S/2472 Datasheet HTML 154Page - Renesas Technology Corp H8S/2472 Datasheet HTML 155Page - Renesas Technology Corp H8S/2472 Datasheet HTML 156Page - Renesas Technology Corp H8S/2472 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 1250 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Aug. 20, 2008 Page 105 of 1198
REJ09B0403-0200
5.7.2
Instructions that Disable Interrupts
The instructions that disable interrupts are LDC, ANDC, ORC, and XORC. After any of these
instructions are executed, all interrupts including NMI are disabled and the next instruction is
always executed. When the I bit or UI bit is set by one of these instructions, the new value
becomes valid two states after execution of the instruction ends.
5.7.3
Interrupts during Execution of EEPMOV Instruction
Interrupt operation differs between the EEPMOV.B instruction and the EEPMOV.W instruction.
With the EEPMOV.B instruction, an interrupt request (including NMI) issued during the transfer
is not accepted until the move is completed.
With the EEPMOV.W instruction, if an interrupt request is issued during the transfer, interrupt
exception handling starts at a break in the transfer cycle. The PC value saved on the stack in this
case is the address of the next instruction. Therefore, if an interrupt is generated during execution
of an EEPMOV.W instruction, the following coding should be used.
L1:
EEPMOV.W
MOV.W
R4,R4
BNE
L1
5.7.4
IRQ Status Registers (ISR16, ISR)
Since IRQnF may be set to 1 according to the pin status after a reset, the ISR16 and the ISR
should be read after a reset, and then write 0 in IRQnF (n = 15 to 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com