Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 175 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 171Page - Renesas Technology Corp H8S/2472 Datasheet HTML 172Page - Renesas Technology Corp H8S/2472 Datasheet HTML 173Page - Renesas Technology Corp H8S/2472 Datasheet HTML 174Page - Renesas Technology Corp H8S/2472 Datasheet HTML 175Page - Renesas Technology Corp H8S/2472 Datasheet HTML 176Page - Renesas Technology Corp H8S/2472 Datasheet HTML 177Page - Renesas Technology Corp H8S/2472 Datasheet HTML 178Page - Renesas Technology Corp H8S/2472 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 127 of 1198
REJ09B0403-0200
6.5
Bus Interface
The normal extended bus interface enables direct connection to ROM and SRAM. For details on
selection of the bus specifications for the basic extended area and 256-Kbyte extended area, see
table 6.5.
The address-data multiplex extended bus interface enables direct connection to products that
supports this bus interface. For details on selection of the bus specifications for the IOS extended
area and 256-Kbyte extended area, see tables 6.8 to 6.11.
6.5.1
Data Size and Data Alignment
Data sizes for the CPU and other internal bus masters are byte, word, and longword. The BSC has
a data alignment function, and controls whether the upper data bus (D15 to D8/AD15 to AD8) or
lower data bus (D7 to D0/AD7 to AD0) is used when the external address space is accessed,
according to the bus specifications for the area being accessed (8-bit access space or 16-bit access
space) and the data size.
(1)
8-Bit Access Space
Figure 6.3 illustrates data alignment control for the 8-bit access space. With the 8-bit access space,
the upper data bus (D15 to D8) is always used for accesses. The amount of data that can be
accessed at one time is one byte: a word access is performed as two byte accesses, and a longword
access, as four byte accesses.
The lower data bus (AD7 to AD0) is used in address-data multiplex extended mode.
D15
D8 D7
D0
Upper data bus
Lower data bus
Byte size
Word size
1st bus cycle
2nd bus cycle
Longword
size
1st bus cycle
2nd bus cycle
3rd bus cycle
4th bus cycle
70
8
15
0
7
24
31
16
23
8
15
0
7
Figure 6.3 Access Sizes and Data Alignment Control (8-bit Access Space)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com