Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 173 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 169Page - Renesas Technology Corp H8S/2472 Datasheet HTML 170Page - Renesas Technology Corp H8S/2472 Datasheet HTML 171Page - Renesas Technology Corp H8S/2472 Datasheet HTML 172Page - Renesas Technology Corp H8S/2472 Datasheet HTML 173Page - Renesas Technology Corp H8S/2472 Datasheet HTML 174Page - Renesas Technology Corp H8S/2472 Datasheet HTML 175Page - Renesas Technology Corp H8S/2472 Datasheet HTML 176Page - Renesas Technology Corp H8S/2472 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 125 of 1198
REJ09B0403-0200
Table 6.10
Bus Specifications for 256-Kbyte Extended Area/Multiplex Bus Interface
(Address Cycle)
AST256
WMS10
WC22
WC11
WC10
Number of
Access
States
Number of
Program
Wait States
0
0
1
2
1
Table 6.11
Bus Specifications for 256-Kbyte Extended Area/Multiplex Bus Interface
(Data Cycle)
AST256
WMS1
WC1
WC0
Number of
Access States
Number of
Program Wait
States
0
2
0
1
3
0
0
3
0
0
1
1
0
2
1
0
1
1
3
6.4.2
Advanced Mode
The external address space (H'FFF000 to H'FFF7FF) can be accessed by specifying the
AS/IOS
pin as an I/O strobe pin. The 256-Kbyte extended area (H'F80000 to H'FBFFFF) can be accessed
by the
CS256 pin function.
The external address space is initialized as the basic bus interface and a 3-state access space. In
mode 2, the address space other than on-chip ROM, on-chip RAM, internal I/O registers, and their
reserved areas is specified as the external address space. The on-chip RAM and its reserved area
are enabled when the RAME bit in SYSCR is set to 1, and disabled when the RAME bit is cleared
to 0. Addresses H'FF0800 to H'FFBFFF, H'FFE080 to H'FFEFFF, and H'FFFF00 to H'FFFF7F in
the on-chip RAM area and its reserved area are always specified as the external address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com