Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 174 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 170Page - Renesas Technology Corp H8S/2472 Datasheet HTML 171Page - Renesas Technology Corp H8S/2472 Datasheet HTML 172Page - Renesas Technology Corp H8S/2472 Datasheet HTML 173Page - Renesas Technology Corp H8S/2472 Datasheet HTML 174Page - Renesas Technology Corp H8S/2472 Datasheet HTML 175Page - Renesas Technology Corp H8S/2472 Datasheet HTML 176Page - Renesas Technology Corp H8S/2472 Datasheet HTML 177Page - Renesas Technology Corp H8S/2472 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 126 of 1198
REJ09B0403-0200
6.4.3
I/O Select Signals
The LSI can output I/O select signals (
IOS); the signal is driven low when the corresponding
external address space is accessed. Figure 6.2 shows an example of
IOS signal output timing.
Bus cycle
T1
T2
Address bus
φ
IOS
T3
External addresses selected by IOS
Figure 6.2
IOS Signal Output Timing
Enabling or disabling
IOS signal output is performed by the IOSE bit in SYSCR. In the extended
mode, the
IOS pin functions as an AS pin by a reset. To use this pin as an IOS pin, set the IOSE
bit to 1. For details, see section 8, I/O Ports.
The address ranges of the
IOS signal output can be specified by the IOS1 and IOS0 bits in BCR,
as shown in table 6.12.
Table 6.12
Address Range for
IOS Signal Output
IOS1
IOS0
IOS Signal Output Range
0
H'FFF000 to H'FFF03F
0
1
H'FFF000 to H'FFF0FF
0
H'FFF000 to H'FFF3FF
1
1
H'FFF000 to H'FFF7FF
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com