Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 204 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 200Page - Renesas Technology Corp H8S/2472 Datasheet HTML 201Page - Renesas Technology Corp H8S/2472 Datasheet HTML 202Page - Renesas Technology Corp H8S/2472 Datasheet HTML 203Page - Renesas Technology Corp H8S/2472 Datasheet HTML 204Page - Renesas Technology Corp H8S/2472 Datasheet HTML 205Page - Renesas Technology Corp H8S/2472 Datasheet HTML 206Page - Renesas Technology Corp H8S/2472 Datasheet HTML 207Page - Renesas Technology Corp H8S/2472 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 156 of 1198
REJ09B0403-0200
6.7
Idle Cycle
When this LSI accesses the external address space, it can insert a 1-state idle cycle (T
I) between
bus cycles when a write cycle occurs immediately after a read cycle. By inserting an idle cycle it is
possible, for example, to avoid data collisions between ROM with a long output floating time, and
high-speed memory and I/O interfaces.
If an external write occurs after an external read while the ICIS bit is set to 1 in BCR, an idle cycle
is inserted at the start of the write cycle.
Figure 6.32 shows examples of idle cycle operation. In these examples, bus cycle A is a read cycle
for ROM with a long output floating time, and bus cycle B is a CPU write cycle. In figure 6.32 (a),
with no idle cycle inserted, a collision occurs in bus cycle B between the read data from ROM and
the CPU write data. In figure 6.32 (b), an idle cycle is inserted, thus preventing data collision.
T
1
Address bus
φ
Bus cycle A
Data bus
T
2
T
3
T
1
T
2
Bus cycle B
Long output floating time
Data collision
(a) No idle cycle insertion
T
1
Address bus
φ
Bus cycle A
Data bus
T
2
T
3
T
I
T
1
Bus cycle B
(b) Idle cycle insertion
T
2
WR
WR
RD
RD
Figure 6.32 Examples of Idle Cycle Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com