| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2472 Datasheet(PDF) 207 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 Datasheet(HTML) 207 Page - Renesas Technology Corp |
|
207 / 1250 page ![]() Section 6 Bus Controller (BSC) Rev. 2.00 Aug. 20, 2008 Page 159 of 1198 REJ09B0403-0200 (2) DTC The DTC sends the bus arbiter a request for the bus mastership when a request for DTC activation occurs. The DTC releases the bus mastership after a series of processes has completed. The DTC is the lower-priority bus master than the E-DMAC, and if a bus mastership request is received from the E-DMAC, the bus arbiter transfers the bus mastership to the E-DMAC. The timing for transferring the bus mastership is as follows: • Timing for transferring the bus mastership to the E-DMAC 1. Bus mastership is transferred at a break between bus cycles. However, if bus cycle is executed in discrete operations, as in the case of a longword size access, the bus is not transferred at a break between the operations. In addition, in the case of a 32-bit access by the DTC, the bus is not transferred at a break between the operations. For details, see section 21, Ethernet Controller Direct Memory Access Controller (E-DMAC). 2. If the CPU is in sleep mode, it transfers the bus mastership immediately. (3) E-DMAC The E-DMAC is the highest-priority bus master, and sends the bus arbiter a request for the bus when an activation request is generated. The E-DMAC does not release the bus until the consecutive transfer cycles have completed. For details, see section 21, Ethernet Controller Direct Memory Access Controller (E-DMAC). |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |