Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 205 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 201Page - Renesas Technology Corp H8S/2472 Datasheet HTML 202Page - Renesas Technology Corp H8S/2472 Datasheet HTML 203Page - Renesas Technology Corp H8S/2472 Datasheet HTML 204Page - Renesas Technology Corp H8S/2472 Datasheet HTML 205Page - Renesas Technology Corp H8S/2472 Datasheet HTML 206Page - Renesas Technology Corp H8S/2472 Datasheet HTML 207Page - Renesas Technology Corp H8S/2472 Datasheet HTML 208Page - Renesas Technology Corp H8S/2472 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 157 of 1198
REJ09B0403-0200
Table 6.15 shows the pin states in an idle cycle.
Table 6.15
Pin States in Idle Cycle
Pins
Pin State
A23 to A0
Contents of immediately following bus cycle
D15 to D0
High impedance
AS, IOS, CS256
High
RD
High
HWR, LWR
High
6.8
Bus Arbitration
6.8.1
Overview
The BSC has a bus arbiter that arbitrates bus master operations. There are three bus masters – the
CPU, DTC, and E-DMAC – that perform read/write operations while they have bus mastership.
6.8.2
Operation
Each bus master requests the bus mastership by means of a bus mastership request signal. The bus
arbiter detects the bus mastership request signal from the bus masters, and if a bus request occurs,
it sends a bus mastership request acknowledge signal to the bus master that made the request at the
designated timing. If there are bus requests from more than one bus master, the bus mastership
request acknowledge signal is sent to the one with the highest priority. When a bus master receives
the bus mastership request acknowledge signal, it takes the bus mastership until that signal is
canceled. The order of bus master priority is as follows:
(High) E-DMAC > DTC > CPU (Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com