Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 206 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 202Page - Renesas Technology Corp H8S/2472 Datasheet HTML 203Page - Renesas Technology Corp H8S/2472 Datasheet HTML 204Page - Renesas Technology Corp H8S/2472 Datasheet HTML 205Page - Renesas Technology Corp H8S/2472 Datasheet HTML 206Page - Renesas Technology Corp H8S/2472 Datasheet HTML 207Page - Renesas Technology Corp H8S/2472 Datasheet HTML 208Page - Renesas Technology Corp H8S/2472 Datasheet HTML 209Page - Renesas Technology Corp H8S/2472 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 158 of 1198
REJ09B0403-0200
6.8.3
Bus Mastership Transfer Timing
When a bus request is received from a bus master with a higher priority than that of the bus master
that has acquired the bus mastership and is currently operating, the bus mastership is not
necessarily transferred immediately. Each bus master can relinquish the bus mastership at the
timings given below.
(1)
CPU
The CPU is the lowest-priority bus master, and if a bus mastership request is received from the
DTC or E-DMAC, the bus arbiter transfers the bus mastership to the DTC or E-DMAC. The
timing for transferring the bus mastership is as follows:
• Timing for transferring the bus mastership to the DTC
1. Bus mastership is transferred at a break between bus cycles. However, if bus cycle is executed
in discrete operations, as in the case of a longword size access, the bus is not transferred at a
break between the operations. For details, see section 2.7, Bus States During Instruction
Execution in the H8S/2600 Series, H8S/2000 Series Software Manual.
2. If the CPU is in sleep mode, it transfers the bus mastership immediately.
• Timing for transferring the bus mastership to the E-DMAC
1. Bus mastership is transferred at a break between bus cycles. Even if bus cycle is executed in
discrete operations, as in the case of a longword size access, the bus can be transferred at a
break between bus cycles. For details, see section 21, Ethernet Controller Direct Memory
Access Controller (E-DMAC).
2. If the CPU is in sleep mode, it transfers the bus mastership immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com