Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 219 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 215Page - Renesas Technology Corp H8S/2472 Datasheet HTML 216Page - Renesas Technology Corp H8S/2472 Datasheet HTML 217Page - Renesas Technology Corp H8S/2472 Datasheet HTML 218Page - Renesas Technology Corp H8S/2472 Datasheet HTML 219Page - Renesas Technology Corp H8S/2472 Datasheet HTML 220Page - Renesas Technology Corp H8S/2472 Datasheet HTML 221Page - Renesas Technology Corp H8S/2472 Datasheet HTML 222Page - Renesas Technology Corp H8S/2472 Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 1250 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 2.00 Aug. 20, 2008 Page 171 of 1198
REJ09B0403-0200
7.3
DTC Event Counter
To count events of EVENT 0 to EVENT15 by the DTC event counter function, set DTC as below.
Table 7.2
DTC Event Counter Conditions
Register
Bit
Bit Name
Description
MRA
7, 6
SM1, SM0 00: SAR is fixed.
5, 4
DM1, DM0 00: DAR is fixed.
3, 2
MD1, MD0 01: Repeat mode
1
DTS
0: Destination is repeat area
0
Sz
1: Word size transfer
MRB
7
CHNE
0: Chain transfer is disabled
6
DISEL
0: Interrupt request is generated when data is transferred by
the number of specified times
5 to 0
B'000000
SAR
23 to 0
DAR
23 to 0
Identical optional RAM address. Its lower five bits are B'00000.
The start address of 16 words is this address. They are
incremented every time an event is detected in EVENT0 to
EVENT15.
CRAH
7 to 0
H'FF
CRAL
7 to 0
H'FF
CRBH
7 to 0
H'FF
CRBL
7 to 0
H'FF
DTCERC
4
DTCEC4
1: DTC function of the event counter is enabled
KBCOMP
7
EVENTE
1: Event counter enable
RAM
(SAR, DAR) : Result of EVENT0 count
(SAR, DAR)
+ 2: Result of EVENT 1 count
(SAR, DAR)
+ 4: Result of EVENT 2 count
↓
(SAR, DAR)
+ 30: Result of EVENT 15 count
The corresponding flag to ECS input pin is set to 1 when the event pins that are specified by the
ECSB3 to ECSB0 in ECCR detect the edge events specified by the EDSB in ECCR. For this flag
state, status/address codes are generated.
An EVENTI interrupt request is generated even if only one bit in ECS is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com