Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 223 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 223 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 219Page - Renesas Technology Corp H8S/2472 Datasheet HTML 220Page - Renesas Technology Corp H8S/2472 Datasheet HTML 221Page - Renesas Technology Corp H8S/2472 Datasheet HTML 222Page - Renesas Technology Corp H8S/2472 Datasheet HTML 223Page - Renesas Technology Corp H8S/2472 Datasheet HTML 224Page - Renesas Technology Corp H8S/2472 Datasheet HTML 225Page - Renesas Technology Corp H8S/2472 Datasheet HTML 226Page - Renesas Technology Corp H8S/2472 Datasheet HTML 227Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 1250 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 2.00 Aug. 20, 2008 Page 175 of 1198
REJ09B0403-0200
7.5
Location of Register Information and DTC Vector Table
Locate the register information in the on-chip RAM (addresses: H'FFEC00 to H'FFEFFF).
Register information should be located at an address that is a multiple of four within the range.
The method for locating the register information in address space is shown in figure 7.3. Locate
MRA, SAR, MRB, DAR, CRA, and CRB, in that order, from the start address of the register
information. In the case of chain transfer, register information should be located in consecutive
areas as shown in figure 7.3, and the register information start address should be located at the
vector address corresponding to the interrupt source in the DTC vector table. The DTC reads the
start address of the register information from the vector table set for each activation source, and
then reads the register information from that start address.
When the DTC is activated by software, the vector address is obtained from: H'0400 +
(DTVECR[6:0]
× 2). For example, if DTVECR is H'10, the vector address is H'0420.
The configuration of the vector address is a 2-byte unit. Specify the lower two bytes of the register
information start address.
MRA
0123
SAR
MRB
DAR
CRA
CRB
MRA
SAR
MRB
DAR
CRA
CRB
Lower address
4 bytes
Register information
Register information
for 2nd transfer in
chain transfer
Register
information
start address
Chain
transfer
Figure 7.3 DTC Register Information Location in Address Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com