Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 225 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 221Page - Renesas Technology Corp H8S/2472 Datasheet HTML 222Page - Renesas Technology Corp H8S/2472 Datasheet HTML 223Page - Renesas Technology Corp H8S/2472 Datasheet HTML 224Page - Renesas Technology Corp H8S/2472 Datasheet HTML 225Page - Renesas Technology Corp H8S/2472 Datasheet HTML 226Page - Renesas Technology Corp H8S/2472 Datasheet HTML 227Page - Renesas Technology Corp H8S/2472 Datasheet HTML 228Page - Renesas Technology Corp H8S/2472 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 1250 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 2.00 Aug. 20, 2008 Page 177 of 1198
REJ09B0403-0200
7.6
Operation
The DTC stores register information in on-chip RAM. When activated, the DTC reads register
information in on-chip RAM and transfers data. After the data transfer, the DTC writes updated
register information back to on-chip RAM. The pre-storage of register information in memory
makes it possible to transfer data over any required number of channels. The transfer mode can be
specified as normal, repeat, or block transfer mode. Setting the CHNE bit in MRB to 1 makes it
possible to perform a number of transfers with a single activation source (chain transfer).
The 24-bit SAR designates the DTC transfer source address, and the 24-bit DAR designates the
transfer destination address. After each transfer, SAR and DAR are independently incremented,
decremented, or left fixed depending on its register information.
Start
End
Read DTC vector
Read register information
Data transfer
Write register information
Clear an activation flag
Interrupt exception
handling
Clear DTCER
CHNE = 1
Next transfer
Yes
Yes
No
Transfer counter = 0
or DISEL = 1
No
Figure 7.4 DTC Operation Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com