Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 224 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 220Page - Renesas Technology Corp H8S/2472 Datasheet HTML 221Page - Renesas Technology Corp H8S/2472 Datasheet HTML 222Page - Renesas Technology Corp H8S/2472 Datasheet HTML 223Page - Renesas Technology Corp H8S/2472 Datasheet HTML 224Page - Renesas Technology Corp H8S/2472 Datasheet HTML 225Page - Renesas Technology Corp H8S/2472 Datasheet HTML 226Page - Renesas Technology Corp H8S/2472 Datasheet HTML 227Page - Renesas Technology Corp H8S/2472 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 1250 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 2.00 Aug. 20, 2008 Page 176 of 1198
REJ09B0403-0200
Table 7.4
Interrupt Sources, DTC Vector Addresses, and Corresponding DTCEs
Activation
Source Origin
Activation Source
Vector
Number
DTC Vector
Address
DTCE*
Priority
Software
Write to DTVECR
DTVECR
H'0400 + (vector
number x 2)
High
External pins
IRQ0
16
H'0420
DTCEA7
IRQ1
17
H'0422
DTCEA6
IRQ2
18
H'0424
DTCEA5
IRQ3
19
H'0426
DTCEA4
A/D converter
ADI
28
H'0438
DTCEA3
EVC
EVENTI
29
H'043A
DTCEC4
IIC_2
IICI2
76
H'0498
DTCEB6
IIC_3
IICI3
78
H'049C
DTCED4
SCI_3
RXI3
81
H'04A2
DTCEC2
TXI3
82
H'04A4
DTCEC1
SCI_1
RXI1
85
H'04AA
DTCEC0
TXI1
86
H'04AC
DTCED7
SSU
RXIS
89
H'04B2
DTCED6
TXIS
90
H'04B4
DTCED5
IIC_0
IICI0
94
H'04BC
DTCEB5
IIC_1
IICI1
98
H'04C4
DTCED3
LPC
ERRI
104
H'04D0
DTCEE3
IBFI1
105
H'04D2
DTCEE2
IBFI2
106
H'04D4
DTCEE1
IBFI3
107
H'04D6
DTCEE0
USBINT0
115
H'04E6
DTCEF7
USB (only in the
H8S/2472)
USBINT1
118
H'04EC
DTCEF6
Low
Note:
*
DTCE bits with no corresponding interrupt are reserved, and the write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com