Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 242 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 238Page - Renesas Technology Corp H8S/2472 Datasheet HTML 239Page - Renesas Technology Corp H8S/2472 Datasheet HTML 240Page - Renesas Technology Corp H8S/2472 Datasheet HTML 241Page - Renesas Technology Corp H8S/2472 Datasheet HTML 242Page - Renesas Technology Corp H8S/2472 Datasheet HTML 243Page - Renesas Technology Corp H8S/2472 Datasheet HTML 244Page - Renesas Technology Corp H8S/2472 Datasheet HTML 245Page - Renesas Technology Corp H8S/2472 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 194 of 1198
REJ09B0403-0200
8.1.1
Port 1
Port 1 is an 8-bit I/O port. Port 1 pins can also function as the address bus and address-data
multiplex bus pins. The pin functions change according to the operating mode. Port 1 has the
following registers.
• Port 1 data direction register (P1DDR)
• Port 1 data register (P1DR)
• Port 1 pull-up MOS control register (P1PCR)
(1) Port 1 Data Direction Register (P1DDR)
The individual bits of P1DDR specify input or output for the pins of port 1.
Bit
Bit Name
Initial Value
R/W
Description
7
P17DDR
0
W
6
P16DDR
0
W
5
P15DDR
0
W
4
P14DDR
0
W
3
P13DDR
0
W
2
P12DDR
0
W
1
P11DDR
0
W
0
P10DDR
0
W
• Normal extended mode (ADMXE = 0)
When set to 1, the corresponding pins function as
address output pins; when cleared to 0, function
as input port pins.
• Address-data multiplex extended mode (ADMXE =
1)
These bits correspond to the AD7 to AD0 pins of
the address-data multiplex bus.
• Single-chip mode
When set to 1, the corresponding pins function as
output port pins; when cleared to 0, function as
input port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com