Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 244 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 240Page - Renesas Technology Corp H8S/2472 Datasheet HTML 241Page - Renesas Technology Corp H8S/2472 Datasheet HTML 242Page - Renesas Technology Corp H8S/2472 Datasheet HTML 243Page - Renesas Technology Corp H8S/2472 Datasheet HTML 244Page - Renesas Technology Corp H8S/2472 Datasheet HTML 245Page - Renesas Technology Corp H8S/2472 Datasheet HTML 246Page - Renesas Technology Corp H8S/2472 Datasheet HTML 247Page - Renesas Technology Corp H8S/2472 Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 196 of 1198
REJ09B0403-0200
(4) Pin Functions
The relationship between the register settings and the pin function is shown below.
(a) Extended Mode (EXPE = 1)
The pin function is switched as shown below according to the P1nDDR bit.
P1nDDR
0
1
ADMXE
0
1
0
1
ABW,
ABW256
X
Either bit is 0
(8/16-bit bus)
Both bits are
1 (8-bit bus)
X
Either bit is 0
(8/16-bit bus)
Both bits
are 1 (8-bit
bus)
Pin function
P1n input
pin
ADn
input/output
pin
P1n input pin
An output
pin
Setting
prohibited
P1n output
pin
[Legend] n = 7 to 0, X: Don't care.
(b) Single-Chip Mode (EXPE = 0)
The pin function is switched as shown below according to the P1nDDR bit.
P1nDDR
0
1
Pin function
P1n input pin
P1n output pin
[Legend] n = 7 to 0
(5) Port 1 Input Pull-Up MOS
Port 1 has built-in input pull-up MOSs that can be controlled by software. The input pull-up MOS
can be used regardless of the operating mode. Table 8.2 summarizes the input pull-up MOS states.
Table 8.2
Port 1 Input Pull-Up MOS States
Reset
Hardware Standby
Mode
Software Standby
Mode
In Other Operations
Off
Off
On/Off
On/Off
[Legend]
Off:
Always off.
On/Off: On when P1DDR = 0 and P1PCR = 1; otherwise off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com