Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 245 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 241Page - Renesas Technology Corp H8S/2472 Datasheet HTML 242Page - Renesas Technology Corp H8S/2472 Datasheet HTML 243Page - Renesas Technology Corp H8S/2472 Datasheet HTML 244Page - Renesas Technology Corp H8S/2472 Datasheet HTML 245Page - Renesas Technology Corp H8S/2472 Datasheet HTML 246Page - Renesas Technology Corp H8S/2472 Datasheet HTML 247Page - Renesas Technology Corp H8S/2472 Datasheet HTML 248Page - Renesas Technology Corp H8S/2472 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 197 of 1198
REJ09B0403-0200
8.1.2
Port 2
Port 2 is an 8-bit I/O port. Port 2 pins can also function as the SCIF modem control signal, address
bus, and address-data multiplex bus pins. The pin functions change according to the operating
mode. Port 2 has the following registers.
• Port 2 data direction register (P2DDR)
• Port 2 data register (P2DR)
• Port 2 pull-up MOS control register (P2PCR)
(1) Port 2 Data Direction Register (P2DDR)
The individual bits of P2DDR specify input or output for the pins of port 2.
Bit
Bit Name
Initial Value
R/W
Description
7
P27DDR
0
W
6
P26DDR
0
W
5
P25DDR
0
W
4
P24DDR
0
W
When set to 1, the corresponding pins function as
output port pins; when cleared to 0, function as
input port pins.
3
P23DDR
0
W
2
P22DDR
0
W
1
P21DDR
0
W
0
P20DDR
0
W
• Normal extended mode (ADMXE = 0)
When set to 1, the corresponding pins function
as address output pins; when cleared to 0,
function as input port pins.
The address output pins used are in accord
with the settings of the IOSE and CS256E bits
of SYSCR.
• Address-data multiplex extended mode
(ADMXE = 1)
These bits correspond to the AD11 to AD8 pins
of the address-data multiplex bus.
• Single-chip mode
When set to 1, the corresponding pins function
as output port pins; when cleared to 0, function
as input port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com