Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 243 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 239Page - Renesas Technology Corp H8S/2472 Datasheet HTML 240Page - Renesas Technology Corp H8S/2472 Datasheet HTML 241Page - Renesas Technology Corp H8S/2472 Datasheet HTML 242Page - Renesas Technology Corp H8S/2472 Datasheet HTML 243Page - Renesas Technology Corp H8S/2472 Datasheet HTML 244Page - Renesas Technology Corp H8S/2472 Datasheet HTML 245Page - Renesas Technology Corp H8S/2472 Datasheet HTML 246Page - Renesas Technology Corp H8S/2472 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 195 of 1198
REJ09B0403-0200
(2) Port 1 Data Register (P1DR)
P1DR stores output data for the port 1 pins.
Bit
Bit Name
Initial Value
R/W
Description
7
P17DR
0
R/W
6
P16DR
0
R/W
5
P15DR
0
R/W
4
P14DR
0
R/W
3
P13DR
0
R/W
2
P12DR
0
R/W
1
P11DR
0
R/W
0
P10DR
0
R/W
P1DR stores output data for the port 1 pins that are
used as the general output port.
If this register is read, the P1DR values are read for
the bits with the corresponding P1DDR bits set to 1.
For the bits with the corresponding P1DDR bits
cleared to 0, the pin states are read.
(3) Port 1 Pull-Up MOS Control Register (P1PCR)
P1PCR controls the port 1 built-in input pull-up MOSs.
Bit
Bit Name
Initial Value
R/W
Description
7
P17PCR
0
R/W
6
P16PCR
0
R/W
5
P15PCR
0
R/W
4
P14PCR
0
R/W
3
P13PCR
0
R/W
2
P12PCR
0
R/W
1
P11PCR
0
R/W
0
P10PCR
0
R/W
When the pins are in the input state, the
corresponding input pull-up MOS is turned on when
a P1PCR bit is set to 1.
Do not change the initial value when using the
address-data multiplex extended bus mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com