Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 271 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 267Page - Renesas Technology Corp H8S/2472 Datasheet HTML 268Page - Renesas Technology Corp H8S/2472 Datasheet HTML 269Page - Renesas Technology Corp H8S/2472 Datasheet HTML 270Page - Renesas Technology Corp H8S/2472 Datasheet HTML 271Page - Renesas Technology Corp H8S/2472 Datasheet HTML 272Page - Renesas Technology Corp H8S/2472 Datasheet HTML 273Page - Renesas Technology Corp H8S/2472 Datasheet HTML 274Page - Renesas Technology Corp H8S/2472 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 223 of 1198
REJ09B0403-0200
(3) Port 6 Pull-Up MOS Control Register (P6PCR)
P6PCR controls the port 6 built-in input pull-up MOSs.
Bit
Bit Name
Initial Value
R/W
Description
7
P67PCR
0
R/W
6
P66PCR
0
R/W
5
P65PCR
0
R/W
4
P64PCR
0
R/W
3
P23PCR
0
R/W
2
P62PCR
0
R/W
1
P61PCR
0
R/W
0
P60PCR
0
R/W
• Normal extended mode (16-bit bus)
This register has no effect on operation.
• Other modes
When the pins are in the input state, the
corresponding input pull-up MOS is turned on
when a P6PCR bit is set to 1.
(4) Pin Functions
(a) Normal Extended Mode
• 16-bit bus mode
Port pins 63 to 60 are automatically set to function as bidirectional data bus pins.
• 8-bit bus mode
The operation is the same as that in single-chip mode.
(b) Address-Data Multiplex Extended Mode
The operation is the same as that in single-chip mode.
(c)
Single-Chip Mode
Port 6 pins can operate as the PWMX output, SCIF and SSU control input/output, interrupt input,
or general I/O port pins. The relationship between register setting values and pin functions are as
follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com