Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 272 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 268Page - Renesas Technology Corp H8S/2472 Datasheet HTML 269Page - Renesas Technology Corp H8S/2472 Datasheet HTML 270Page - Renesas Technology Corp H8S/2472 Datasheet HTML 271Page - Renesas Technology Corp H8S/2472 Datasheet HTML 272Page - Renesas Technology Corp H8S/2472 Datasheet HTML 273Page - Renesas Technology Corp H8S/2472 Datasheet HTML 274Page - Renesas Technology Corp H8S/2472 Datasheet HTML 275Page - Renesas Technology Corp H8S/2472 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 224 of 1198
REJ09B0403-0200
• P67/ExIRQ8/SSCK
The pin function is switched as shown below according to the SCKS bit in SSCRH of the SSU
and the P67DDR bit. When the ISS8 bit in ISSR16 is set to 1, this pin can be used as the
ExIRQ8 input pin. To use as the ExIRQ8 input pin, clear the P67DDR bit to 0.
SCKS
0
1
P67DDR
0
1
X
P67 input pin
Pin function
ExIRQ8 input pin
P67 output pin
SSCK I/O pin
[Legend] X: Don't care.
• P66/ExIRQ9/SCS
The pin function is switched as shown below according to the CSS1 and CSS0 bits in SSCRH
of the SSU and the P66DDR bit. When the ISS9 bit in ISSR16 is set to 1, this pin can be used
as the
ExIRQ9 input pin. To use as the ExIRQ9 input pin, clear the P66DDR bit to 0.
CSS1, CSS0
00
01 or 1X
P66DDR
0
1
X
P66 input pin
Pin function
ExIRQ9 input pin
P66 output pin
SCS I/O pin
[Legend] X: Don't care.
• P65/ExIRQ10/RTS
The pin function is switched as shown below according to the combination of the
enable/disable setting of the SCIF and the P65DDR bit.
When the ISS10 bit in ISSR16 is set to 1, this pin can be used as the
ExIRQ10 input pin. To
use as the
ExIRQ10 input pin, clear the P65DDR bit to 0.
SCIF
Disabled
Enabled
P65DDR
0
1
X
P65 input pin
Pin function
IRQ10 input pin
P65 output pin
RTS output pin
[Legend] X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com