Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 275 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 275 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 271Page - Renesas Technology Corp H8S/2472 Datasheet HTML 272Page - Renesas Technology Corp H8S/2472 Datasheet HTML 273Page - Renesas Technology Corp H8S/2472 Datasheet HTML 274Page - Renesas Technology Corp H8S/2472 Datasheet HTML 275Page - Renesas Technology Corp H8S/2472 Datasheet HTML 276Page - Renesas Technology Corp H8S/2472 Datasheet HTML 277Page - Renesas Technology Corp H8S/2472 Datasheet HTML 278Page - Renesas Technology Corp H8S/2472 Datasheet HTML 279Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 227 of 1198
REJ09B0403-0200
8.1.7
Port 7
Port 7 is an 8-bit input port. Port 7 pins can also function as the A/D converter analog input pins.
Port 7 has the following register.
• Port 7 input data register (P7PIN)
(1) Port 7 Input Data Register (P7PIN)
P7PIN indicates the states of the port 7 pins.
Bit
Bit Name
Initial Value
R/W
Description
7
P77PIN
Undefined*
R
6
P76PIN
Undefined*
R
5
P75PIN
Undefined*
R
4
P74PIN
Undefined*
R
3
P73PIN
Undefined*
R
2
P72PIN
Undefined*
R
1
P71PIN
Undefined*
R
0
P70PIN
Undefined*
R
When this register is read, the pin states are read.
Since this register is allocated to the same address as
PBDDR, writing to this register writes data to PBDDR
and the port B setting is changed.
Note:
*
The initial values are determined in accordance with the pin states of P77 to P70.
(2) Pin Functions
Each pin of port 7 can also be used as the analog input pins of the A/D converter (AN0 to AN7).
• P77/AN7
The pin function is switched as shown below according to the CH2 to CH0 bits in ADCSR of
the A/D converter. Do not set these bits to other values than those shown in the following
table.
CH2 to CH0
B'111
Other than B'111
Pin function
AN7 input pin
P77 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com