Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 273 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 269Page - Renesas Technology Corp H8S/2472 Datasheet HTML 270Page - Renesas Technology Corp H8S/2472 Datasheet HTML 271Page - Renesas Technology Corp H8S/2472 Datasheet HTML 272Page - Renesas Technology Corp H8S/2472 Datasheet HTML 273Page - Renesas Technology Corp H8S/2472 Datasheet HTML 274Page - Renesas Technology Corp H8S/2472 Datasheet HTML 275Page - Renesas Technology Corp H8S/2472 Datasheet HTML 276Page - Renesas Technology Corp H8S/2472 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 225 of 1198
REJ09B0403-0200
• P64/ExIRQ11/CTS
The pin function is switched as shown below according to the combination of the
enable/disable setting of the SCIF and the P64DDR bit.
When the ISS10 bit in ISSR16 is set to 1, this pin can be used as the
ExIRQ11 input pin. To
use as the
ExIRQ11 input pin, clear the P64DDR bit to 0.
SCIF
Disabled
Enabled
P64DDR
0
1
X
P64 input pin
Pin function
IRQ11 input pin
P64 output pin
CTS input pin
[Legend] X: Don't care.
• P63/PWX3
The pin function is switched as shown below according to the combination of the OEB bit in
DACR and the PWMXS bit in PTCNT0 of PWMX_1 and the P63DDR bit.
P63DDR
0
1
X
PWMXS
0
1
0
1
0
OEB
0
X
0
X
1
Pin function
P63 input pin
P63 output pin
PWX3 output pin
[Legend] X: Don't care.
• P62/PWX2
The pin function is switched as shown below according to the combination of the OEA bit in
DACR and the PWMXS bit in PTCNT0 of PWMX_1 and the P62DDR bit.
P62DDR
0
1
X
PWMXS
0
1
0
1
0
OEA
0
X
0
X
1
Pin function
P62 input pin
P62 output pin
PWX2 output pin
[Legend] X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com