Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 139 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 139 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 135Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 136Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 137Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 138Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 139Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 140Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 141Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 142Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 143Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 332 page
background image
Chapter 5
Signal Descriptions
121
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
5.43
SMI# (System Management Interrupt)
Pin Attribute
Input, Internal Pullup
Pin Location
AB-34
Summary
The assertion of SMI# causes the processor to enter system
management mode (SMM). Upon recognizing SMI#, the
processor performs the following actions, in the order shown:
1. Flushes its instruction pipelines
2. Completes all pending and in-progress bus cycles
3. Acknowledges the interrupt by asserting SMIACT# after
sampling EWBE# asserted (if EWBE# is masked off, then
SMIACT# is not affected by EWBE#)
4. Saves the internal processor state in SMM memory
5. Disables interrupts by clearing the interrupt flag (IF) in
EFLAGS and disables NMI interrupts
6. Jumps to the entry point of the SMM service routine at the
SMM base physical address which defaults to 0003_8000h in
SMM memory
See “System Management Mode (SMM)” on page 217 for more
details regarding SMM.
Sampled
SMI# is sampled and latched as a falling edge-sensitive signal.
SMI# is sampled on every clock edge but is not recognized until
the next instruction boundary. If SMI# is to be recognized on
the instruction boundary associated with a BRDY#, it must be
sampled asserted a minimum of three clock edges before the
BRDY# is sampled asserted. If it is asserted synchronously, it
can be asserted for a minimum of one clock. If it is asserted
asynchronously, it must have been negated for a minimum of
two clocks followed by an assertion of a minimum of two clocks.
A second assertion of SMI# while in SMM is latched but is not
recognized until the SMM service routine is exited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com