| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AMD-K6-2E/400AMZ Datasheet(PDF) 141 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMD-K6-2E/400AMZ Datasheet(HTML) 141 Page - Advanced Micro Devices |
|
141 / 332 page ![]() Chapter 5 Signal Descriptions 123 22529B/0—January 2000 AMD-K6™-2E Processor Data Sheet Preliminary Information 5.45 STPCLK# (Stop Clock) Pin Attribute Input, Internal Pullup Pin Location V-34 Summary The assertion of STPCLK# causes the processor to enter the Stop Grant state, during which the processor’s internal clock is stopped. From the Stop G rant state, the processor can subsequently transition to the Stop Clock state, in which the bus clock CLK is stopped. Upon recognizing STPCLK#, the processor performs the following actions, in the order shown: 1. Flushes its instruction pipelines 2. Completes all pending and in-progress bus cycles 3. Acknowledges the STPCLK# assertion by executing a Stop Grant special bus cycle (see Table 23 on page 132) 4. Stops its internal clock after BRDY# of the Stop Grant special bus cycle is sampled asserted and after EWBE# is sampled asserted (if EWBE# is masked off, then entry into the Stop Grant state is not affected by EWBE#) 5. Enters the Stop Clock state if the system logic stops the bus clock CLK (optional) See “Clock Control States” on page 247 for more details regarding clock control. Sampled STPCLK# is sampled as a level-sensitive input on every clock edge but is not recognized until the next instruction boundary. System logic can drive the signal either synchronously or asynchronously. If it is asserted asynchronously, it must be asserted for a minimum pulse width of two clocks. STPCLK# must remain asserted until recognized, which is indicated by the completion of the Stop Grant special cycle. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |