Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 142 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 142 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 138Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 139Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 140Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 141Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 142Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 143Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 144Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 145Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 146Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 332 page
background image
124
Signal Descriptions
Chapter 5
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
5.46
TCK (Test Clock)
Pin Attribute
Input, Internal Pullup
Pin Location
M-34
Summary
TCK is the clock for boundary-scan testing using the Test
Access Port (TAP). See “Boundary-Scan Test Access Port
(TAP)” on page 229 for details regarding the operation of the
TAP controller.
Sampled
The processor always samples TCK, except while TRST# is
asserted.
5.47
TDI (Test Data Input)
Pin Attribute
Input, Internal Pullup
Pin Location
N-35
Summary
TDI i s t h e se ri a l test data an d i n str u cti o n i npu t fo r
boundary-scan testing using the Test Access Port (TAP). See
“Boundary-Scan Test Access Port (TAP)” on page 229 for details
regarding the operation of the TAP controller.
Sampled
The processor samples TDI on every rising TCK edge, but only
while in the Shift-IR and Shift-DR states.
5.48
TDO (Test Data Output)
Pin Attribute
Output
Pin Location
N-33
Summary
TDO is the se rial test data and instruction out put fo r
boundary-scan testing using the Test Access Port (TAP). See
“Boundary-Scan Test Access Port (TAP)” on page 229 for details
regarding the operation of the TAP controller.
Driven and Floated
The processor drives TDO on every falling TCK edge, but only
while in the Shift-IR and Shift-DR states. TDO is floated at all
other times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com