Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 199 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 199 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 195Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 196Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 197Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 198Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 199Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 200Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 201Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 202Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 203Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 332 page
background image
Chapter 7
Power-On Configuration and Initialization
181
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Table 30. Register State After RESET
Register
State (hex)
GDTR
base:0000_0000h limit:0FFFFh
IDTR
base:0000_0000h limit:0FFFFh
TR
0000h
LDTR
0000h
EIP
FFFF_FFF0h
EFLAGS
0000_0002h
EAX1
0000_0000h
EBX
0000_0000h
ECX
0000_0000h
EDX2
0000_058Xh
ESI
0000_0000h
EDI
0000_0000h
EBP
0000_0000h
ESP
0000_0000h
CS
F000h
SS
0000h
DS
0000h
ES
0000h
FS
0000h
GS
0000h
FPU Stack R7–R03
0000_0000_0000_0000_0000h
FPU Control Word3
0040h
FPU Status Word3
0000h
FPU Tag Word3
5555h
FPU Instruction Pointer3
0000_0000_0000h
FPU Data Pointer3
0000_0000_0000h
FPU Opcode Register3
000_0000_0000b
CR04
6000_0010h
CR2
0000_0000h
CR3
0000_0000h
CR4
0000_0000h
DR7
0000_0400h
DR6
FFFF_0FF0h
DR3
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com