Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 203 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 203 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 199Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 200Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 201Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 202Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 203Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 204Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 205Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 206Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 207Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 332 page
background image
Chapter 8
Cache Organization
185
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
8
Cache Organization
The following sections describe the basic architecture and
resources of the AMD-K6-2E processor internal caches.
The performance of the AMD-K6-2E processor is enhanced by a
writeback level-one (L1) cache. The cache is organized as a
separate 32-Kbyte instruction cache and a 32-Kbyte data cache,
each with two-way set associativity (See Figure 74). The cache
line size is 32 bytes, and lines are prefetched from external
memory using an efficient, pipelined burst transaction.
As the instruction cache is filled, each instruction byte is
analyzed for instruction boundaries using predecode logic.
Predecoding annotates each instruction byte with information
that later enables the decoders to efficiently decode multiple
instructions simultaneously. Translation lookaside buffers
(TLB) are also used to translate linear addresses to physical
addresses. The instruction cache is associated with a 64-entry
TLB, while the data cache is associated with a 128-entry TLB.
Figure 74. Cache Organization
Processor
Core
System Bus
Interface Unit
128-Entry TLB
64-Entry TLB
State
Bit
Tag
RAM
Way 0
Way 1
State
Bit
Tag
RAM
32-Kbyte Instruction Cache
32-Kbyte Data Cache
Predecode Instruction Cache
MESI
Bits
Tag
RAM
Way 0
Way 1
MESI
Bits
Tag
RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com