Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 200 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 200 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 196Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 197Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 198Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 199Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 200Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 201Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 202Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 203Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 204Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 332 page
background image
182
Power-On Configuration and Initialization
Chapter 7
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
DR2
0000_0000h
DR1
0000_0000h
DR0
0000_0000h
MCAR3
0000_0000_0000_0000h
MCTR3
0000_0000_0000_0000h
TR123
0000_0000_0000_0000h
TSC3
0000_0000_0000_0000h
EFER3
0000_0000_0000_0002h (Model 8/[F:8])
STAR3
0000_0000_0000_0000h
WHCR3
0000_0000_0000_0000h
UWCCR3
0000_0000_0000_0000h
PSOR3,5
0000_0000_0000_01SBh
PFIR3
0000_0000_0000_0000h
Notes:
1. The contents of EAX indicate if BIST was successful. If EAX = 0000_0000h, BIST was successful.
If EAX is non-zero, BIST failed.
2. EDX contains the AMD-K6-2E processor signature, where X indicates the processor Stepping
ID.
3. The contents of these registers are preserved following the recognition of INIT.
4. The CD and NW bits of CR0 are preserved following the recognition of INIT.
5. “S” represents the Stepping. “B” represents PSOR[3:0], where PSOR[3] equals 0, and
PSOR[2:0] is equal to the value of the BF[2:0] signals sampled during the falling transition of
RESET.
Table 30. Register State After RESET (continued)
Register
State (hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com