Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 205 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 205 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 201Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 202Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 203Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 204Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 205Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 206Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 207Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 208Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 209Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 332 page
background image
Chapter 8
Cache Organization
187
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
8.2
Predecode Bits
Decoding x86 instructions is particularly difficult because the
instructions vary in length, ranging from 1 to 15 bytes long.
Predecode logic supplies the predecode bits associated with
each instruction byte.
Predecode bits indicate the number of bytes to the start of the
next x86 instruction. The predecode bits are passed with the
instruction bytes to the decoders, where they assist with
parallel x86 instruction decoding. The predecode bits use
memory separate from the 32-Kbyte instruction cache. The
predecode bits are stored in an extended instruction cache
alongside each x86 instruction byte as shown in Figure 75 on
page 186.
8.3
Cache Operation
The operating modes for the caches are configured by software
using the Not Writethrough (NW) and Cache Disable (CD) bits
of control register 0 (CR0 bits 29 and 30 respectively). These
bits are used in all operating modes.
s
When the CD and NW bits are both 0, the cache is fully
enabled. This is the standard operating mode for the cache.
If a read miss occurs when the processor reads from the
cache, a line fill (32-byte burst read) on the system bus
occurs in order to fetch the cache line. Write hits to the
cache are updated, while write misses and writes to shared
lines cause external memory updates. Refer to Table 34,
“Data Cache States for Read and Write Accesses,” on
page 198 for a summary of cache read and write cycles and
the effect of these operations on the cache MESI state.
Note: A write allocate operation can modify the behavior of write
misses to the cache. See “Write Allocate” on page 192.
s
When the CD bit is 0 and the NW bit is 1, an invalid mode of
operation exists that causes a general protection fault to
occur.
s
When the CD bit is 1 (disabled) and the NW bit is 0, the
cache fill mechanism is disabled but the contents of the
cache are still valid. The processor reads from the cache, and
if a read miss occurs, no line fills take place. Write hits to the
cache are updated, while write misses and writes to shared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com