Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 204 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 204 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 200Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 201Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 202Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 203Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 204Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 205Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 206Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 207Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 208Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 332 page
background image
186
Cache Organization
Chapter 8
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
The processor cache design takes advantage of a sectored
organization (See Figure 75). Each sector consists of 64 bytes
configured as two 32-byte cache lines. The two cache lines of a
sector share a common tag but have separate MESI (modified,
exclusive, shared, invalid) bits that track the state of each cache
line.
Instruction Cache Line
Data Cache Line
Notes:
Instruction-cache lines have only two coherency states (valid or invalid) rather than the four MESI coherency states of data-cache lines.
Only two states are needed for the instruction cache because these lines are read-only.
Figure 75. Cache Sector Organization
8.1
MESI States in the Data Cache
The state of each line in the caches is tracked by the MESI bits.
The coherency of these states or MESI bits is maintained by
internal processor snoops and external inquiries by the system
logic. The following four states are defined for the data cache:
s
Modified—This line has been modified and is different from
main memory.
s
Exclusive—This line is not modified and is the same as
external memory. If this line is written to, it becomes
Modified.
s
Shared—If a cache line is in the Shared state it means that
the same line can exist in more than one cache system.
s
Invalid—The information in this line is not valid.
Tag
Address
Cache Line 0
Byte 31
Predecode Bits
Byte 30
Predecode Bits
........
........
Byte 0
Predecode Bits
1 MESI Bit
Cache Line 1
Byte 31
Predecode Bits
Byte 30
Predecode Bits
........
........
Byte 0
Predecode Bits
1 MESI Bit
Tag
Address
Cache Line 0
Byte 31
Byte 30
........
........
Byte 0
2 MESI Bits
Cache Line 1
Byte 31
Byte 30
........
........
Byte 0
2 MESI Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com