Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 206 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 206 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 202Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 203Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 204Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 205Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 206Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 207Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 208Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 209Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 210Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 332 page
background image
188
Cache Organization
Chapter 8
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
lines cause external memory updates. If PWT is driven Low
and WB/WT# is sampled High, a write hit to a shared line
changes the cache-line state to Exclusive.
s
When the CD and NW bits are both 1, the cache is fully
disabled. Even though the cache is disabled, the contents
are not necessarily invalid. The processor reads from the
cache and, if a read miss occurs, no line fills take place. If a
write hit occurs, the cache is updated but an external
memory update does not occur. If a cache line is in the
Exclusive state during a write hit, the cache-line state is
changed to Modified. Cache lines in the Shared state remain
in the Shared state after a write hit. Write misses access
external memory directly.
The operating system can control the cacheability of a page.
The paging mechanism is controlled by CR3, the Page Directory
Entry (PDE), and the Page Table Entry (PTE). Within CR3,
PDE, and PTE are Page Cache Disable (PCD) and Page
Writethrough (PWT) bits. The values of the PCD and PWT bits
used in Table 31 and Table 32 are taken from either the PTE or
PDE. For more information see the descriptions of PCD and
PWT on page 115 and page 117, respectively.
Tables 31 through 33 describe the logic that determines the
cacheability of a cycle and how that cacheability is affected by
the PCD bits, the PWT bits, the PG and CD bits of CR0,
writeback cycles, the Cache Inhibit (CI) bit of Test Register 12
(TR12), and unlocked memory reads.
Table 31 describes how the PWT signal is driven based on the
values of the PWT bits and the PG bit of CR0.
Table 31. PWT Signal Generation
PWT Bit1
Notes:
1.
PWT is taken from PTE or PDE.
PG Bit of CR0
PWT Signal
11
High
01
Low
10
Low
00
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com