Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 241 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 241 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 237Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 238Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 239Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 240Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 241Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 242Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 243Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 244Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 245Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 332 page
background image
Chapter 11
System Management Mode (SMM)
223
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Upon entry into SMM, the halt restart slot is defined as follows:
s
Bits 15–1—Reserved
s
Bit 0—Point of entry to SMM:
1 = entered from Halt state
0 = not entered from Halt state
After entry into the SMI handler and before returning from
SMM, the halt restart slot can be written using the following
definition:
s
Bits 15–1—Reserved
s
Bit 0—Point of return when exiting from SMM:
1 = return to Halt state
0 = return to next instruction after the HLT instruction
If the return from SMM takes the processor back to the Halt
state, the HLT instruction is not re-executed, but the Halt
special bus cycle is driven on the bus after the return.
11.6
I/O Trap Doubleword
If the assertion of SMI# is recognized during the execution of an
I/O instruction, the I/O trap doubleword at offset FFA4h in the
SMM st at e-save area c o nt ains info rm at ion ab o u t the
instruction. The fields of the I/O trap doubleword are
configured as follows:
s
Bits 31–16—I/O port address
s
Bits 15–4—Reserved
s
Bit 3—REP (repeat) string operation (1 = REP string, 0 = not
a REP string)
s
Bit 2—I/O string operation (1 = I/O string, 0 = not a I/O
string)
s
Bit 1—Valid I/O instruction (1 = valid, 0 = invalid)
s
Bit 0—Input or output instruction (1 = INx, 0 = OUTx)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com