Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 244 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 244 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 240Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 241Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 242Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 243Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 244Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 245Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 246Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 247Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 248Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 332 page
background image
226
System Management Mode (SMM)
Chapter 11
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
11.8
Exceptions, Interrupts, and Debug in SMM
During an SMI# I/O trap, the exception/interrupt priority of the
AMD-K6-2E processor changes from its normal priority. The
normal priority places the debug traps at a priority higher than
the sampling of the FLUSH# or SMI# signals. However, during
an SMI# I/O trap, the sampling of the FLUSH# or SMI# signals
takes precedence over debug traps.
The processor recognizes the assertion of NMI within SMM
immediately after the completion of an IRET instruction. Once
NMI is recognized within SMM, NMI recognition remains
enabled until SMM is exited, at which point NMI masking is
restored to the state it was in before entering SMM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com