Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 243 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 243 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 239Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 240Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 241Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 242Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 243Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 244Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 245Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 246Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 247Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 332 page
background image
Chapter 11
System Management Mode (SMM)
225
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Table 44 shows the format of the I/O trap restart slot.
The processor initializes the I/O trap restart slot to 0000h upon
entry into SMM. If SMM was entered due to a trapped I/O
instruction, the processor indicates the validity of the I/O
instruction by se tti ng or cleari ng bit 1 of the I/O trap
doubleword at offset FFA4h in the SMM state-save area. The
SM M s e rv i c e ro uti n e s h o u l d te st bi t 1 o f th e I /O trap
doubleword to determine if a valid I/O instruction was being
executed when entering SMM and before writing the I/O trap
restart slot. If the I/O instruction is valid, the SMM service
routine can safely rewrite the I/O trap restart slot with the value
00FFh, which causes the processor to re-execute the trapped I/O
instruction when the RSM instruction is executed. If the I/O
instruction is invalid, writing the I/O trap restart slot has
undefined results.
If a second SMI# is asserted and a valid I/O instruction was
trapped by the first SMM handler, the CPU services the second
SMI# prior to re-executing the trapped I/O instruction. The
second entry into SMM neve r has bit 1 of th e I/O trap
doubleword set, and the second SMM service routine must not
rewrite the I/O trap restart slot.
During a simultaneous SMI# I/O instruction trap and debug
breakpoint trap, the AMD-K6-2E processor first responds to the
SMI# and postpones recognizing the debug exception until
after returning from SMM via the RSM instruction. If the debug
registers DR3–DR0 are used while in SMM, they must be saved
and restored by the SMM handler. The processor automatically
saves and restores DR7–DR6. If the I/O trap restart slot in the
SMM state-save area contains the value 00FFh when the RSM
instruction is executed, the debug trap does not occur until
after the I/O instruction is re-executed.
Table 44. I/O Trap Restart Slot
31–16
15–0
Reserved
I/O Instruction restart on return from SMM:
s
0000h = Execute the next instruction after the trapped I/O
s
00FFh = Re-execute the trapped I/O instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com