Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 303 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 303 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 299Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 300Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 301Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 302Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 303Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 304Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 305Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 306Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 307Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 332 page
background image
Chapter 16
Thermal Design
285
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
16
Thermal Design
16.1
Package Thermal Specifications
The AMD-K6-2E processor operating specification calls for the
case temperature (TC) to be in the range of 0°C to 70°C (for the
standard-power 2.2-V component) or 0°C to 85°C (for the low-
power 1.9-V component). The ambient temperature (TA) is not
specified as long as the case temperature is not violated. The
case temperature must be measured on the top center of the
package. Table 66 and Table 67 show the package thermal
specifications for the AMD-K6-2E processor.
Table 66. Package Thermal Specification for OPN Suffix AMZ (Low-Power Devices)
qJC
Junction-Case
Maximum Thermal Power
233 MHz
266 MHz
300 MHz
333 MHz
350 MHz
1.0 °C/W
9.00 W
10.00 W
10.00 W
10.00 W
11.00 W
Stop Grant Mode
1.20 W
1.20 W
1.20 W
1.20 W
1.20 W
Stop Clock Mode
1.00 W
1.00 W
1.00 W
1.00 W
1.00 W
TC Case Temperature
0°C–85°C
Table 67. Package Thermal Specification for OPN Suffix AFR (Standard-Power Devices)
qJC
Junction-Case
Maximum Thermal Power
233 MHz
266 MHz
300 MHz
333 MHz
350 MHz
400 MHz
1.0 °C/W
13.50 W
14.70 W
17.20 W
19.00 W
19.95 W
16.90 W
Stop Grant Mode
2.46 W
2.48 W
2.50 W
3.94 W
3.96 W
4.40 W
Stop Clock Mode
2.25 W
2.25 W
2.25 W
3.50 W
3.50 W
4.00 W
TC Case Temperature
0°C–70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com