Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 306 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 306 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 302Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 303Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 304Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 305Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 306Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 307Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 308Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 309Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 310Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 332 page
background image
288
Thermal Design
Chapter 16
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Thermal grease is recommended as interface material because
it provides the lowest thermal resistance (
@ 0.20°C/W). The
required thermal resistance (
qSA) of the heatsink in this
example is calculated as follows:
qSA = qCA – qIF = 1.25 – 0.20 = 1.05(°C/W)
Heat Dissipation Path
Figure 100 illustrates the heat dissipation path of the processor.
Due to the lower thermal resistance between the processor die
junction and case, most of the heat generated by the processor
is transferred from the top surface of the case. The small
amount of heat generated from the bottom side of the processor
where the processor socket blocks the convection can be safely
ignored.
Figure 100. Processor Heat Dissipation Path
16.2
Measuring Case Temperature
The processor case temperature is measured to ensure that the
therm a l s o l u ti on meets the pr oces sor ’s oper a t i o nal
specification. This temperature should be measured on the top
center of the package, where most of the heat is dissipated.
Figure 101 on page 289 shows the correct location for measuring
the case temperature. The tip of the thermocouple should be
secured to the package surface with a small amount of
thermally conductive epoxy. A second location along the
thermocouple should also be secured to avoid any movement
during testing.
If a heatsink is installed while measuring, the thermocouple
must be installed into the heatsink via a small hole drilled
through the heatsink base (e.g., 1/16 of an inch). Secure the
thermocouple to the base of the heatsink by filling the small
hole with thermal epoxy, allowing the tip of the thermocouple
to protrude the epoxy and touch the top of the processor case.
Thin Lid
Case temperature
Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com