Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 305 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 305 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 301Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 302Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 303Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 304Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 305Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 306Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 307Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 308Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 309Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 332 page
background image
Chapter 16
Thermal Design
287
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Figure 99. Power Consumption v. Thermal Resistance
The thermal resistance of a heatsink is determined by the heat
dissipation surface area, the material and shape of the
heatsink, and the airflow volume across the heatsink. In
general, the larger the surface area the lower the thermal
resistance.
The required thermal resistance of a heatsink (
qSA) can be
calculated using the following example:
If:
TC = 70°C
TA = 45°C
PMAX = 19.95 W at 350 MHz (Standard-power AMD-K6-2E/350AFR)
Then:

$

$
!
!$
"
"$
#
#$
$
%ÃX
'ÃX
ÃX
!ÃX
#ÃX
%ÃX
'ÃX
!ÃX
!!ÃX
!#ÃX
Q‚r…Ã8‚†ˆ€ƒ‡v‚ÃXh‡‡†
"ÃqrtÃ8
!$ÃqrtÃ8
!ÃqrtÃ8
$ÃqrtÃ8
&DVHWR$PELHQW 7HPSHUDWXUH
7&  7$
q
CA
T
C
T
A
–
P
MAX
--------------------
ÍÝ
ÌÜ
ËÛ
ˆ
25
•C
19.95W
---------------------
1.25
•CW
‰
()
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com