Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 304 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 304 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 300Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 301Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 302Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 303Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 304Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 305Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 306Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 307Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 308Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 332 page
background image
286
Thermal Design
Chapter 16
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Figure 98 shows the thermal model of a processor with a passive
thermal solution. The ambient temperature (TA) is guaranteed
as long as TC is not violated. The case-to-ambient temperature
(TCA) can be calculated from the following equation:
TCA
= PMAX • qCA
= PMAX • ( qIF + qSA)
Where:
PMAX
= Maximum Power Consumption
qCA
= Case-to-Ambient Thermal Resistance
qIF
= Interface Material Thermal Resistance
qSA
= Sink-to-Ambient Thermal Resistance
Figure 98. Thermal Model
Figure 9 9 illustrates the case-to-ambie nt te mpera ture
(TCA=TC –TA) in relation to the power consumption (X-axis)
and the thermal resistance (Y-axis). If the power consumption
and case temperature are known, the thermal resistance (
qCA)
requirement can be calculated for a given ambient temperature
(TA) value.
Temperature
Thermal
q
SA
q
CA
qIF
(°C/W)
(Ambient)
Case
Sink
TCA
Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com