Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 307 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 307 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 303Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 304Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 305Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 306Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 307Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 308Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 309Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 310Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 311Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 332 page
background image
Chapter 16
Thermal Design
289
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Figure 101. Measuring Case Temperature
16.3
Sample Heatsink Measured Data
The example measured data (provided in tables 69 through 72
and figures 105 through 108) shows case-to-ambient thermal
resistance and maximum ambient temperature for both
socketed and soldered processors using three passive heatsink
samples with different height profiles (see Table 68) and
different levels of airflow in the system. This data is based on
the following specification assumptions:
TC = 85°C = TC(MAX) for 1.9-V low-power K6-2E processors
Pd = 10 W
qCA = qSA + qIF
TA(MAX) = TC(MAX) – (qCA ·Pd)
TA(MAX) = 85 - (qSA + qIF)·Pd
Note: AMD does not guarantee the example measured heatsink
data provided in tables 69 through 72 and figures 105
through 108. This data is supplied for informational
purposes only to facilitate the selection of an appropriate
thermal solution.
Example Heatsinks
Table 68 describes the three heatsinks tested. Figure 102,
Figure 103, and Figure 104 show the actual heatsinks.
Thermocouple
Thermally Conductive Epoxy
Table 68. Passive Heatsink Samples
Identifier
Size X (mm)
Size Y (mm)
Size Z Height (mm)
A52
50
15
B52
50
20
C50
50
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com