Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 108 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 108 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 104Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 105Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 106Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 107Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 108Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 109Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 110Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 111Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 112Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 332 page
background image
90
Signal Descriptions
Chapter 5
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
5.7
AP (Address Parity)
Pin Attribute
Bidirectional
Pin Location
AK-02
Summary
AP contains the even parity bit for cache line addresses driven
and sampled on A[31:5]. Even parity means that the total
number of 1 bits on AP and A[31:5] is even. (A4 and A3 are not
used for the generation or checking of address parity because
these bits are not required to address a cache line.) AP is driven
by the processor during processor-initiated cycles and is
sampled by the processor during inquire cycles. If AP does not
reflect even parity during an inquire cycle, the processor
asserts APCHK # to indicate an address bus parity check. The
processor does not take an internal exception as the result of
detecting an address bus parity check, and system logic must
respond appropriately to the assertion of this signal.
Driven, Sampled, and
Floated
As an Output: The processor drives AP valid off the clock edge
on which ADS# is asserted until the clock edge on which NA# or
the last expected BRDY# of the cycle is sampled asserted. AP is
driven during memory cycles, I/O cycles, special bus cycles, and
interrupt acknowledge cycles. The processor continues to drive
AP while the bus is idle.
As an Input: The processor samples AP during inquire cycles on
the clock edge on which EADS# is sampled asserted.
The processor floats AP off the clock edge that AHOLD or
BOFF # is sampled asserted and off the clock edge that the
processor asserts HLDA in recognition of HOLD.
The processor resumes driving AP off the clock edge on which
the processor samples AHOLD or BOFF # negated and off the
clock edge on which the processor negates HLDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com