Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 110 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 110 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 106Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 107Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 108Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 109Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 110Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 111Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 112Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 113Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 114Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 332 page
background image
92
Signal Descriptions
Chapter 5
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
5.9
BE[7:0]# (Byte Enables)
Pin Attribute
Output
Pin Location
See “Pin Designations by Functional Grouping” on page 301.
Summary
BE[7:0]# are used by the processor to indicate the valid data
bytes during a write cycle and the requested data bytes during
a read cycle. The byte enables can be used to derive address bits
A[2:0], which are not physically part of the processor’s address
bus. The processor checks and generates valid data parity for
the data bytes that are valid as defined by the byte enables. The
eight byte enables correspond to the eight bytes of the data bus
as follows:
The processor expects data to be driven by the system logic on
all eight bytes of the data bus during a burst cache-line read
cycle, independent of the byte enables that are asserted.
The byte enables are also used to distinguish between special
bus cycles as defined in Table 23 on page 132.
Driven and Floated
BE[7:0]# are driven off the same clock edge as ADS # and
remain in the same state until the clock edge on which NA# or
the last expected BRDY # of the cycle is sampled asserted.
BE[7:0]# are driven during memory cycles, I/O cycles, special
bus cycles, and interrupt acknowledge cycles.
The processor floats BE[7:0]# off the clock edge that BOFF# is
sampled asserted and off the clock edge that the processor
asserts HLDA in recognition of HOLD. Unlike the address bus,
BE[7:0]# are not floated in response to AHOLD.
s
BE7#: D[63:56]
s
BE3#: D[31:24]
s
BE6#: D[55:48]
s
BE2#: D[23:16]
s
BE5#: D[47:40]
s
BE1#: D[15:8]
s
BE4#: D[39:32]
s
BE0#: D[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com