Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 411 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 407Page - Renesas Technology Corp H8S/2472 Datasheet HTML 408Page - Renesas Technology Corp H8S/2472 Datasheet HTML 409Page - Renesas Technology Corp H8S/2472 Datasheet HTML 410Page - Renesas Technology Corp H8S/2472 Datasheet HTML 411Page - Renesas Technology Corp H8S/2472 Datasheet HTML 412Page - Renesas Technology Corp H8S/2472 Datasheet HTML 413Page - Renesas Technology Corp H8S/2472 Datasheet HTML 414Page - Renesas Technology Corp H8S/2472 Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 1250 page
background image
Section 9 14-Bit PWM Timer (PWMX)
Rev. 2.00 Aug. 20, 2008 Page 363 of 1198
REJ09B0403-0200
• DADRB
Bit
Bit Name
Initial
Value
R/W
Description
15 to 2 DA13 to DA0 All 1
R/W
D/A Data 13 to 0
These bits set a digital value to be converted to an
analog value.
In each base cycle, the DACNT value is continually
compared with the DADR value to determine the duty
cycle of the output waveform, and to decide whether to
output a fine-adjustment pulse equal in width to the
resolution. To enable this operation, this register must
be set within a range that depends on the CFS bit. If the
DADR value is outside this range, the PWM output is
held constant.
A channel can be operated with 12-bit precision by
fixing DA0 and DA1 to 0. The two data bits are not
compared with UC12 and UC13 of DACNT.
1
CFS
1
R/W
Carrier Frequency Select
0: Base cycle = resolution (T)
× 64
DA13 to DA0 range = H
'0100 to H'3FFF
1: Base cycle = resolution (T)
× 256
DA13 to DA0 range = H
'0040 to H'3FFF
0
REGS
1
R/W
Register Select
DADRA and DACR, and DADRB and DACNT, are
located at the same addresses. The REGS bit specifies
which registers can be accessed. When changing the
register to be accessed, set this bit in advance.
0: DADRA and DADRB can be accessed
1: DACR and DACNT can be accessed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com