Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 413 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 413 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 409Page - Renesas Technology Corp H8S/2472 Datasheet HTML 410Page - Renesas Technology Corp H8S/2472 Datasheet HTML 411Page - Renesas Technology Corp H8S/2472 Datasheet HTML 412Page - Renesas Technology Corp H8S/2472 Datasheet HTML 413Page - Renesas Technology Corp H8S/2472 Datasheet HTML 414Page - Renesas Technology Corp H8S/2472 Datasheet HTML 415Page - Renesas Technology Corp H8S/2472 Datasheet HTML 416Page - Renesas Technology Corp H8S/2472 Datasheet HTML 417Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 1250 page
background image
Section 9 14-Bit PWM Timer (PWMX)
Rev. 2.00 Aug. 20, 2008 Page 365 of 1198
REJ09B0403-0200
9.3.4
Peripheral Clock Select Register (PCSR)
PCSR and the CKS bit of DACR select the operating speed.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
PWCKX1B
PWCKX1A
0
0
R/W
R/W
PWMX_1 Clock Select
These bits select a clock cycle with the CKS bit of DACR
of PWMX_1 being 1.
See table 9.2.
5
4
PWCKX0B
PWCKX0A
0
0
R/W
R/W
PWMX_0 Clock Select
These bits select a clock cycle with the CKS bit of DACR
of PWMX_0 being 1.
See table 9.2.
3
PWCKX1C
0
R/W
PWMX_1 Clock Select
This bit selects a clock cycle with the CKS bit of DACR of
PWMX_1 being 1.
See table 9.2.
2
1
0
0
R/W
R/W
Reserved
The initial value should not be changed.
0
PWCKX0C
0
R/W
PWMX_0 Clock Select
This bit selects a clock cycle with the CKS bit of DACR of
PWMX_0 being 1.
See table 9.2.
Table 9.2
Clock Select of PWMX_1 and PWMX_0
PWCKX0C
PWCKX1C
PWCKX0B
PWCKX1B
PWCKX0A
PWCKX1A
Resolution (T)
0
0
0
Operates on the system clock cycle (t
cyc) x 2
0
0
1
Operates on the system clock cycle (t
cyc) x 64
0
1
0
Operates on the system clock cycle (t
cyc) x 128
0
1
1
Operates on the system clock cycle (t
cyc) x 256
1
0
0
Operates on the system clock cycle (t
cyc) x 1024
1
0
1
Operates on the system clock cycle (t
cyc) x 4096
1
1
0
Operates on the system clock cycle (t
cyc) x 16384
1
1
1
Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com