Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 412 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 412 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 408Page - Renesas Technology Corp H8S/2472 Datasheet HTML 409Page - Renesas Technology Corp H8S/2472 Datasheet HTML 410Page - Renesas Technology Corp H8S/2472 Datasheet HTML 411Page - Renesas Technology Corp H8S/2472 Datasheet HTML 412Page - Renesas Technology Corp H8S/2472 Datasheet HTML 413Page - Renesas Technology Corp H8S/2472 Datasheet HTML 414Page - Renesas Technology Corp H8S/2472 Datasheet HTML 415Page - Renesas Technology Corp H8S/2472 Datasheet HTML 416Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 1250 page
background image
Section 9 14-Bit PWM Timer (PWMX)
Rev. 2.00 Aug. 20, 2008 Page 364 of 1198
REJ09B0403-0200
9.3.3
PWMX (D/A) Control Register (DACR)
DACR enables the PWM outputs, and selects the output phase and operating speed.
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R/W
Reserved
The initial value should not be changed.
6
PWME
0
R/W
PWMX Enable
Starts or stops the PWM D/A counter (DACNT).
0: DACNT operates as a 14-bit up-counter
1: DACNT halts at H'0003
5, 4
All 1
R
Reserved
These bits are always read as 1 and cannot be modified.
3
OEB
0
R/W
Output Enable B
Enables or disables output on PWMX (D/A) channel B.
0: PWMX (D/A) channel B output (at the PWX1, PWX3
pins) is disabled
1: PWMX (D/A) channel B output (at the PWX1, PWX3
pins) is enabled
2
OEA
0
R/W
Output Enable A
Enables or disables output on PWMX (D/A) channel A.
0: PWMX (D/A) channel A output (at the PWX0, PWX2
pin) is disabled
1: PWMX (D/A) channel A output (at the PWX0, PWX2
pins) is enabled
1
OS
0
R/W
Output Select
Selects the phase of the PWMX (D/A) output.
0: Direct PWMX (D/A) output
1: Inverted PWMX (D/A) output
0
CKS
0
R/W
Clock Select
Selects the PWMX (D/A) resolution. Eight kinds of
resolution can be selected.
0: Operates at resolution (T) = system clock cycle time
(t
cyc)
1: Operates at resolution (T) = system clock cycle time
(t
cyc) × 2, × 64, × 128, × 256, × 1024, × 4096, and ×
16384.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com