Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 415 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 415 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 411Page - Renesas Technology Corp H8S/2472 Datasheet HTML 412Page - Renesas Technology Corp H8S/2472 Datasheet HTML 413Page - Renesas Technology Corp H8S/2472 Datasheet HTML 414Page - Renesas Technology Corp H8S/2472 Datasheet HTML 415Page - Renesas Technology Corp H8S/2472 Datasheet HTML 416Page - Renesas Technology Corp H8S/2472 Datasheet HTML 417Page - Renesas Technology Corp H8S/2472 Datasheet HTML 418Page - Renesas Technology Corp H8S/2472 Datasheet HTML 419Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 1250 page
background image
Section 9 14-Bit PWM Timer (PWMX)
Rev. 2.00 Aug. 20, 2008 Page 367 of 1198
REJ09B0403-0200
9.5
Operation
A PWM waveform like the one shown in figure 9.2 is output from the PWX pin. DA13 to DA0 in
DADR corresponds to the total width (T
L) of the low (0) pulses output in one conversion cycle
(256 pulses when CFS = 0, 64 pulses when CFS = 1). When OS = 0, this waveform is directly
output. When OS = 1, the output waveform is inverted, and DA13 to DA0 in DADR value
corresponds to the total width (T
H) of the high (1) output pulses. Figures 9.3 and 9.4 show the
types of waveform output available.
tf
tL
T: Resolution
TL = Σ tLn (OS = 0)
(When CFS = 0, m = 256
When CFS = 1, m = 64)
m
n = 1
1 conversion cycle
(T
× 214 (= 16384))
Base cycle
(T
× 64 or T × 256)
Figure 9.2 PWMX (D/A) Operation
Table 9.3 summarizes the relationships between the CKS and CFS bit settings and the resolution,
base cycle, and conversion cycle. The PWM output remains fixed unless DA13 to DA0 in DADR
contain at least a certain minimum value. The relationship between the OS bit and the output
waveform is shown in figures 9.3 and 9.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com